Part Number Hot Search : 
PBSS4 A1298 1216402 EP15E7 TMP88 104KE 2SB1243Q 14100
Product Description
Full Text Search
 

To Download MBRF10100D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? metal silicon junction, majority carrier conduction ? low power loss, high efficiency ? high current capability, low forward voltage drop ? high surge capability mbrf10xxd = specific device code g = green compound y = year ww = work week rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol unit v rrm v v rms v v dc v i rrm a dv/dt v/us r jc o c/w t j o c t stg o c note2: thermal resistance from junction to case per leg ? guarding for overvoltage protection note1: pulse test : 300us pulse width, 1% duty cycle -65 to + 150 i f(av) ? high temperature soldering guaranteed: 260 / 10 seconds, 0.25"(6.35mm) from case dimensions in inches and (millimeters) marking diagram 10 mbrf 10100d 100 maximum thermal resistance per leg (note 2) voltage rate of change (rated v r ) type number maximum dc blocking voltage version:a11 10.0amps isolated schottky barrier rectifier operating temperature range storage temperature range 3.5 peak repetitive reverse surge current maximum average forward rectified current @tc = 133 (total device) 10,000 -65 to + 150 0.5 ? plastic material used carries underwriters laboratory classifications 94v-0 ? for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications ito-220ab features maximum repetitive peak reverse voltage ? mounting torque: 5 in-lbs. max. mechanical data ? mounting position: any ? case: ito-220ab molded plastic body maximum ratings and electrical characteristics ? terminals: pure tin plated, lead free, solderable per mil-std-750, method 2026 ? weight: 1.74 grams a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 120 a MBRF10100D - mbrf10200d ? green compound with suffix "g" on packing code & prefix "g" on datecode ? polarity: as marked maximum rms voltage 70 100 mbrf 10150d 150 105 150 mbrf 10200d 200 140 200 v maximum reverse current at rated dc blocking voltage t a =25 t a =125 i r 0.1 5 ma ma maximum instantaneous forward voltage at (note 1) if = 5a, t a =25 if = 5a, t a =125 if = 10a, t a =25 if = 10a, t a =125 v f 0.85 0.75 0.95 0.85 0.88 0.78 0.98 0.88 pb rohs compliance rohs compliance
version:a11 ratings and characteristic curves (MBRF10100D thru mbrf10150d) fig.1 maximum forward current derating curve 0 2 4 6 8 10 12 0 25 50 75 100 125 150 175 case temperature ( ) average forward current (a) resister or inductive load fig. 2 maximum non-repetitive forward surge current per leg 0 30 60 90 120 150 180 1 10 100 number of cycles at 60 hz peak forward surge current(a) 8.3ms single half sine wave jedec method fig. 4 typical reverse characteristics 0.0001 0.001 0.01 0.1 1 10 0 20 40 60 80 100 120 140 percent of vr (%) instantaneous reverse current (ma) ta=25 ta=125 ta=75 fig. 3 typical forward characteristics 0.1 1 10 100 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 forward voltage (v) instantaneous forward current (a) MBRF10100D mbrf10150d- mbrf10200d fig. 6 typical transient thermal impedance per leg 0.1 1 10 100 0.01 0.1 1 10 100 t-pulse duration(s) transient thermal impedance ( / w) fig. 5 typical junction capacitance 10 100 1000 0.1 1 10 100 reverse voltage (v) junction capacitance (pf) ta=25 f=1.0mhz vsig=50mvp-p


▲Up To Search▲   

 
Price & Availability of MBRF10100D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X